Part Number Hot Search : 
HZ6A3 AD71206 LPRA30Z CB100N6 1N564 ON1716 Z5245B 00390
Product Description
Full Text Search
 

To Download IRF7805PBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet ? chip-set for dc-dc converters top view 8 1 2 3 4 5 6 7 d d d d g s a s s absolute maximum ratings parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v a i dm pulsed drain current  p d @t a = 25c power dissipation w p d @t a = 70c power dissipation linear derating factor w/c t j operating junction and c t stg storage temperature range thermal resistance parameter typ. max. units r  ??? 20 c/w r  ??? 50 max. 13 10 100 12 30 -55 to + 150 2.5 0.02 1.6  
 so-8 features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability v ds 30 v r ds(on) max (@v gs = 4.5v) 11 m q g (typical) 22 nc i d (@t a = 25c) 13 a   
  
       
 !  form quantity IRF7805PBF-1 so-8 tape and reel 4000 irf7805trpbf-1 package type standard pack orderable part number base part number
 
  
  "
       
 !  notes:  repetitive rating; pulse width limited by max. junction temperature.  pulse width 300 s; duty cycle 2%.  when mounted on 1 inch square copper board, t < 10 sec.  typ = measured - q oss  r is measured at t j of approximately 90c.  devices are 100% tested to these parameters. static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 30 ??? ??? v r ds(on) static drain-to-source on-resistance ??? 9.2 11 m v gs(th) gate threshold voltage 1.0 ??? 3.0 v i dss drain-to-source leakage current ??? ??? 70 ??? ??? 10 ??? ??? 150 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 q g total gate charge ??? 22 31 q gs1 pre-vth gate-to-source charge ??? 3.7 ??? q gs2 post-vth gate-to-source charge ??? 1.4 ??? q gd gate-to-drain charge ??? 6.8 ??? q sw switch charge (q gs2 + q gd ) ??? 8.2 11.5 q oss output charge ??? 3.0 3.6 nc r g gate resistance 0.5 ??? 1.7 t d(on) turn-on delay time ??? 16 ??? t r rise time ??? 20 ??? t d(off) turn-off delay time ??? 38 ??? t f fall time ??? 16 ??? diode characteristics parameter min. typ. max. units i s continuous source current ??? ??? 2.5 (body diode)  i sm pulsed source current ??? ??? 106 (body diode) v sd diode forward voltage ??? ??? 1.2 v q rr reverse recovery charge  ??? 88 ??? q rr(s) reverse recovery charge ??? 55 ??? (with parallel schottky)  a nc nc a na nc ns v ds = 16v, v gs = 0v, i s = 7.0a v ds = 16v, v gs = 0v, i s = 7.0a i d = 7.0a v ds = v gs , i d = 250 a r g = 2 s di/dt = 700a/ s (with 10bq040) t j = 25c, i s = 7.0a, v gs = 0v showing the integral reverse p-n junction diode. mosfet symbol v ds = 16v, v gs = 0v v dd = 16v, v gs = 4.5v  i d = 7.0a conditions resistive load conditions v gs = 0v, i d = 250 a v gs = 4.5v, i d = 7.0a  v ds = 16v v gs = 12v v gs = -12v v gs = 5.0v v ds = 30v, v gs = 0v
"  
  "
       
 !   
 fig 3. typical rds(on) vs. gate-to-source voltage fig 2. typical gate charge vs. gate-to-source voltage fig 1. normalized on-resistance vs. temperature typical characteristics 0.1 1 10 0.4 0.5 0.6 0.7 0.8 0.9 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j fig 4. typical source-drain diode forward voltage 0.1 1 10 100 0.001 0.01 0.1 1 10 100 1000 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) figure 5. maximum effective transient thermal impedance, junction-to-ambient
 
   
  "
       
 !  so-8 package details so-8 part marking e1 d e y b a a1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 bas ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 basic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 f oot p r i nt 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 4. outline conforms to jedec outline ms-012aa. not e s : 1. dimensioning & t olerancing per as me y14.5m-1994. 2. cont rolling dimens ion: millimeter 3. dimensions are s hown in millimet ers [inches ]. 5 dime ns ion doe s not incl ude mol d pr ot r us ions . 6 dime ns ion doe s not incl ude mol d pr ot r us ions . mold protrus ions not to exceed 0.25 [.010]. 7 dimension is t he lengt h of lead for s oldering to a subs trat e. mold protrus ions not to exceed 0.15 [.006]. 8x 1.78 [.070] dat e code (yww) xxxx int ernat ional rectifier logo f 7101 y = l as t digit of t he ye ar part number lot code ww = we e k example: t his is an irf 7101 (mos fet ) p = designates lead-free product (optional) a = assembly site code note: for the most current drawing please refer to ir website at http://www.irf.com/package/
#  
  "
       
 !   
 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel note: for the most current drawing please refer to ir website at http://www.irf.com/package/
 
  
  "
       
 !  ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jesd47f ?? guidelines) moisture sensitivity level so-8 date comments ? corrected part number from" IRF7805PBF-1" to "irf7805trpbf-1" -all pages ? removed the "IRF7805PBF-1" bulk part number from ordering information on page1 revision history 10/16/2014


▲Up To Search▲   

 
Price & Availability of IRF7805PBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X